Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5465B Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 18Page - STMicroelectronics STLC5465B Datasheet HTML 19Page - STMicroelectronics STLC5465B Datasheet HTML 20Page - STMicroelectronics STLC5465B Datasheet HTML 21Page - STMicroelectronics STLC5465B Datasheet HTML 22Page - STMicroelectronics STLC5465B Datasheet HTML 23Page - STMicroelectronics STLC5465B Datasheet HTML 24Page - STMicroelectronics STLC5465B Datasheet HTML 25Page - STMicroelectronics STLC5465B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
dout 4
din 0
dout 2
din 2
Internal
commands
Switching
at 32 kb/ s
dout 5
din 1
dout 3
din 3
DIN0
din2
dout2
dout4
Internal
command
If SW0=1
DOUT4
(GCI 0)
3.9
µs
a
b
Free
c
Free
d
Free
e
ab
c
d
e
ca
d
b
MON
D C/I
dc
ba
B1
B2
MON
D
C/I
4 bit shifting
DOUT 5
DOUT 4
DIN0
DIN2 not use d
DIN 1
DIN3 not used
MULTI HDLC STLC 546 5
SW0=1
SW1=1
4 bit shifting
(GCI 0)
(GCI 1)
DOUT2
DOUT3
D
C/I AE
Figure 8: Downstream Switching at 32kb/s
STLC5465B
22/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More