| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0223 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 110 page ![]() DocID025763 Rev 1 45/110 PM0223 The STM32L0 Cortex-M0+ Instruction Set 80 3.4 Memory access instructions Table 19 shows the memory access instructions : Table 19. Memory access instructions Mnemonic Brief description See ADR Generate PC-relative address 3.4.1: ADR on page 46. LDM Load Multiple registers 3.4.5: LDM and STM on page 50. LDR{type} Load Register using immediate offset 3.4.2: LDR and STR, immediate offset on page 47. LDR{type} Load Register using register offset 3.4.3: LDR and STR, register offset on page 48. LDR Load Register from PC-relative address 3.4.4: LDR, PC-relative on page 49. POP Pop registers from stack 3.4.6: PUSH and POP on page 52. PUSH Push registers onto stack 3.4.6: PUSH and POP on page 52. STM Store Multiple registers 3.4.5: LDM and STM on page 50. STR{type} Store Register using immediate offset 3.4.2: LDR and STR, immediate offset on page 47. STR{type} Store Register using register offset 3.4.3: LDR and STR, register offset on page 48. |