Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 55Page - STMicroelectronics PM0223 Datasheet HTML 56Page - STMicroelectronics PM0223 Datasheet HTML 57Page - STMicroelectronics PM0223 Datasheet HTML 58Page - STMicroelectronics PM0223 Datasheet HTML 59Page - STMicroelectronics PM0223 Datasheet HTML 60Page - STMicroelectronics PM0223 Datasheet HTML 61Page - STMicroelectronics PM0223 Datasheet HTML 62Page - STMicroelectronics PM0223 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
DocID025763 Rev 1
59/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.5.4
CMP and CMN
Compare and Compare Negative.
Syntax
CMN Rn, Rm
CMP Rn, #imm
CMP Rn, Rm
where:
Operation
These instructions compare the value in a register with either the value in another register or
an immediate value. They update the condition flags on the result, but do not write the result
to a register.
The CMP instruction subtracts either the value in the register specified by Rm, or the
immediate imm from the value in Rn and updates the flags. This is the same as a SUBS
instruction, except that the result is discarded.
The CMN instruction adds the value of Rm to the value in Rn and updates the flags. This is the
same as an ADDS instruction, except that the result is discarded.
Restrictions
For the:
•
CMN
instruction Rn, and Rm must only specify R0-R7.
•
CMP
instruction:
–
Rn
and Rm can specify R0-R14.
–
Immediate must be in the range 0-255.
Condition flags
These instructions update the N, Z, C and V flags according to the result.
Examples
CMP
R2, R9
CMN
R0, R2
Rn
Is the register holding the first operand.
Rm
Is the register to compare with.
Imm
Is the immediate value to compare with.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More