Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 60Page - STMicroelectronics PM0223 Datasheet HTML 61Page - STMicroelectronics PM0223 Datasheet HTML 62Page - STMicroelectronics PM0223 Datasheet HTML 63Page - STMicroelectronics PM0223 Datasheet HTML 64Page - STMicroelectronics PM0223 Datasheet HTML 65Page - STMicroelectronics PM0223 Datasheet HTML 66Page - STMicroelectronics PM0223 Datasheet HTML 67Page - STMicroelectronics PM0223 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
64/110
DocID025763 Rev 1
3.5.9
TST
Test bits.
Syntax
TST Rn, Rm
where:
Operation
This instruction tests the value in a register against another register. It updates the condition
flags based on the result, but does not write the result to a register.
The TST instruction performs a bitwise AND operation on the value in Rn and the value in
Rm
. This is the same as the ANDS instruction, except that it discards the result.
To test whether a bit of Rn is 0 or 1, use the TST instruction with a register that has that bit
set to 1 and all other bits cleared to 0.
Restrictions
In these instructions, Rn and Rm must only specify R0-R7.
Condition flags
This instruction:
updates the N and Z flags according to the result
does not affect the C or V flags.
Examples
TST
R0, R1 ; Perform bitwise AND of R0 value and R1 value,
; condition code flags are updated but result is discarded
Rn
Is the register holding the first operand.
Rm
The register to test against.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More