Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 68Page - STMicroelectronics PM0223 Datasheet HTML 69Page - STMicroelectronics PM0223 Datasheet HTML 70Page - STMicroelectronics PM0223 Datasheet HTML 71Page - STMicroelectronics PM0223 Datasheet HTML 72Page - STMicroelectronics PM0223 Datasheet HTML 73Page - STMicroelectronics PM0223 Datasheet HTML 74Page - STMicroelectronics PM0223 Datasheet HTML 75Page - STMicroelectronics PM0223 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
72/110
DocID025763 Rev 1
3.7.4
DSB
Data Synchronization Barrier.
Syntax
DSB
Operation
DSB
acts as a special data synchronization memory barrier. Instructions that come after the
DSB
, in program order, do not execute until the DSB instruction completes. The DSB
instruction completes when all explicit memory accesses before it complete.
Restrictions
There are no restrictions.
Condition flags
This instruction does not change the flags.
Examples
DSB ; Data Synchronisation Barrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More