| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0223 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 110 page ![]() The STM32L0 Cortex-M0+ Instruction Set PM0223 76/110 DocID025763 Rev 1 3.7.8 NOP No Operation. Syntax NOP Operation NOP performs no operation and is not guaranteed to be time consuming. The processor might remove it from the pipeline before it reaches the execution stage. Restrictions There are no restrictions. Condition flags This instruction does not change the flags. Examples NOP ; No operation |