Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 76Page - STMicroelectronics PM0223 Datasheet HTML 77Page - STMicroelectronics PM0223 Datasheet HTML 78Page - STMicroelectronics PM0223 Datasheet HTML 79Page - STMicroelectronics PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
80/110
DocID025763 Rev 1
3.7.12
WFI
Wait for Interrupt.
Syntax
WFI
Operation
WFI
suspends execution until one of the following events occurs:
•
An exception.
•
An interrupt becomes pending which would preempt if PRIMASK.PM was clear.
•
A Debug Entry request, regardless of whether debug is enabled.
Note:
WFI
is intended for power saving only. When writing software assume that WFI might
behave as a NOP operation.
Restrictions
There are no restrictions.
Condition flags
This instruction does not change the flags.
Examples
WFI ; Wait for interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More