Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 74Page - STMicroelectronics PM0223 Datasheet HTML 75Page - STMicroelectronics PM0223 Datasheet HTML 76Page - STMicroelectronics PM0223 Datasheet HTML 77Page - STMicroelectronics PM0223 Datasheet HTML 78Page - STMicroelectronics PM0223 Datasheet HTML 79Page - STMicroelectronics PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
78/110
DocID025763 Rev 1
3.7.10
SVC
Supervisor Call.
Syntax
SVC #imm
where:
Operation
The SVC instruction causes the SVC exception.
Imm
is ignored by the processor. If required, it can be retrieved by the exception handler to
determine what service is being requested.
Restrictions
Executing the SVC instruction, while the current execution priority level is greater than or
equal to that of the SVCall handler, results in a fault being generated.
Condition flags
This instruction does not change the flags.
Examples
SVC
#0x32 ; Supervisor Call (SVC handler can extract the immediate
value
; by locating it through the stacked PC)
Imm
Is an integer in the range 0-255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More