| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0223 Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 110 page ![]() The STM32L0 Cortex-M0+ Instruction Set PM0223 62/110 DocID025763 Rev 1 3.5.7 REV, REV16, and REVSH Reverse bytes. Syntax REV Rd, Rn REV16 Rd, Rn REVSH Rd, Rn where: Operation Use these instructions to change endianness of data: RER Restrictions In these instructions, Rd, and Rn must only specify R0-R7. Condition flags These instructions do not change the flags. Examples REV R3, R7 ; Reverse byte order of value in R7 and write it to R3 REV16 R0, R0 ; Reverse byte order of each 16-bit halfword in R0 REVSH R0, R5 ; Reverse signed halfword Rd Is the destination register. Rn Is the source register. REV Converts 32-bit big-endian data into little-endian data or 32-bit little-endian data into big-endian data. REV16 Converts two packed 16-bit big-endian data into little-endian data or two packed 16-bit little-endian data into big-endian data. REVSH Converts 16-bit signed big-endian data into 32-bit signed little-endian data or 16-bit signed little-endian data into 32-bit signed big-endian data. |