Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0223 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 34Page - STMicroelectronics PM0223 Datasheet HTML 35Page - STMicroelectronics PM0223 Datasheet HTML 36Page - STMicroelectronics PM0223 Datasheet HTML 37Page - STMicroelectronics PM0223 Datasheet HTML 38Page - STMicroelectronics PM0223 Datasheet HTML 39Page - STMicroelectronics PM0223 Datasheet HTML 40Page - STMicroelectronics PM0223 Datasheet HTML 41Page - STMicroelectronics PM0223 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
38/110
DocID025763 Rev 1
RSBS
{Rd,} Rn, #0
Reverse Subtract
N,Z,C,V
3.5.1 on page 54.
SBCS
{Rd,} Rn, Rm
Subtract with Carry
N,Z,C,V
3.5.1 on page 54.
SEV
-
Send Event
-
3.7.9 on page 77.
STM
Rn!, reglist
Store Multiple
registers, increment
after
-
3.4.5 on page 50.
STR
Rt, [Rn, <Rm|#imm>]
Store Register as
word
-
3.4.2 on page 47.
STRB
Rt, [Rn, <Rm|#imm>]
Store Register as byte -
3.4.2 on page 47.
STRH
Rt, [Rn, <Rm|#imm>]
Store Register as
halfword
-
3.4.2 on page 47.
SUB{S}
{Rd,} Rn, <Rm|#imm>
Subtract
N,Z,C,V
3.5.1 on page 54.
SVC
#imm
Supervisor Call
-
3.7.10 on page
78.
SXTB
Rd, Rm
Sign extend byte
-
3.5.8 on page 63.
SXTH
Rd, Rm
Sign extend halfword
-
3.5.8 on page 63.
TST
Rn, Rm
Logical AND based
test
N,Z
3.5.9 on page 64.
UXTB
Rd, Rm
Zero extend a byte
-
3.5.8 on page 63.
UXTH
Rd, Rm
Zero extend a
halfword
-
3.5.8 on page 63.
WFE
-
Wait For Event
-
3.7.11 on page 79.
WFI
-
Wait For Interrupt
-
3.7.12 on page
80.
Table 15. STM32L0 Cortex-M0+ instructions (continued)
Mnemonic
Operands
Brief description
Flags
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More