Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 230 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 230 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics PM0214 Datasheet HTML 232Page - STMicroelectronics PM0214 Datasheet HTML 233Page - STMicroelectronics PM0214 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 245 page
background image
Core peripherals
PM0214
230/245
DocID022708 Rev 4
4.5
SysTick timer (STK)
The processor has a 24-bit system timer, SysTick, that counts down from the reload value to
zero, reloads (wraps to) the value in the STK_LOAD register on the next clock edge, then
counts down on subsequent clocks.
When the processor is halted for debugging the counter does not decrement.
Table 54. System timer registers summary
Address
Name
Type
Required
privilege
Reset value
Description
0xE000E010 STK_CTRL RW
Privileged
0x00000000
SysTick control and status register (STK_CTRL)
on page 231
0xE000E014 STK_LOAD RW
Privileged
Unknown
SysTick reload value register (STK_LOAD) on
page 232
0xE000E018 STK_VAL
RW
Privileged
Unknown
SysTick current value register (STK_VAL) on
page 233
0xE000E01C STK_CALIB RO
Privileged
0xC0000000
SysTick calibration value register (STK_CALIB)
on page 234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More