Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 229 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 229 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics PM0214 Datasheet HTML 232Page - STMicroelectronics PM0214 Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 245 page
background image
DocID022708 Rev 4
229/245
PM0214
Core peripherals
244
0x1C
SHPR2
PRI11
Reserved
Reset Value
0000000 0
0x20
SHPR3
PRI15
PRI14
Reserved
Reset Value
0000000 000000000
0x24
SHCRS
Reserved
Reset Value
0000 00 00 0
0 0
0
0 0
0x28
CFSR
UFSR
BFSR
MMFSR
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x2C
HFSR
Reserved
Reset Value
0 0
0
0x34
MMAR
MMAR[31:0]
Reset Value
xxxxxxxxxxx xxxxxx xx xx xx x x x x x x x x x
0x38
BFAR
BFAR[31:0]
Reset Value
xxxxxxxxxxx xxxxxx xx xx xx x x x x x x x x x
0x3C
AFSR
IMPDEF[31:0]
Reset Value
xxxxxxxxxxx xxxxxx xx xx xx x x x x x x x x x
Table 53. SCB register map and reset values (continued)
Offset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More