| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 92 Page - Microchip Technology |
|
92 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 86 © 2005 Microchip Technology Inc. 13.7 SUMMARY This chapter has provided specific instructions for using the dsPICDEM 2 Development Board with a dsPIC30F4013 device. If you have reviewed this process, you should be able to: • Configure the dsPICDEM 2 Development Board for the dsPIC30F4013 device. • Set up MPLAB IDE to use the MPLAB ICD 2 In-Circuit Debugger. • Locate the sample application for the dsPIC30F4013 device. • Program the chip with the MPLAB ICD 2. • Examine the sample application and identify applicable code for your embedded solution. |