Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 45 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 45 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 41Page - Microchip Technology DM300018 Datasheet HTML 42Page - Microchip Technology DM300018 Datasheet HTML 43Page - Microchip Technology DM300018 Datasheet HTML 44Page - Microchip Technology DM300018 Datasheet HTML 45Page - Microchip Technology DM300018 Datasheet HTML 46Page - Microchip Technology DM300018 Datasheet HTML 47Page - Microchip Technology DM300018 Datasheet HTML 48Page - Microchip Technology DM300018 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
dsPICDEM™ 2
DEVELOPMENT BOARD
USER’S GUIDE
© 2005 Microchip Technology Inc.
DS51558A-page 39
Chapter 6. Using the dsPIC30F3010
6.1
INTRODUCTION
This chapter assumes you have chosen the dsPIC30F3010 for your application. The
dsPICDEM 2 Development Board supports a dsPIC30F3010 device in a 28-pin SPDIP
package, as shown in Figure 6-1. This device provides six 10-bit A/D (500 ksps)
channels, a UART, an SPI module, an I2C™ module and 20 I/O pins. A sample
application program provides a software baseline for building your own embedded
solution.
FIGURE 6-1:
28-PIN SPDIP dsPIC30F3010
6.2
HIGHLIGHTS
This chapter discusses:
• Board Setup for the dsPIC30F3010 Sample Application
• Device Programming
• Observing the Sample Application
• In-Circuit Debugging
• Summary
6.3
BOARD SETUP FOR THE dsPIC30F3010 SAMPLE APPLICATION
The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple
peripheral devices multiplexed on some pins. Therefore, the jumper set up of various
headers depends on which of the dsPIC30F peripherals are used by the application.
This section demonstrates how the board is set up for the dsPIC30F3010 device to
support the dsPIC30F3010 example software in the dsPICDEM 2 Development Kit CD.
Follow these steps to configure the hardware on the dsPICDEM 2 Development Board
for the sample application.
1.
Disconnect the power source.
2.
Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2
Development Board.
U2B1
MCLR
PWM1L/RE0
PWM1H/RE1
PWM2L/RE2
PWM2H/RE3
PWM3L/RE4
PWM3H/RE5
VSS
VDD
EMUD3/AN0/VREF+/CN2/RB0
EMUC3/AN1/VREF-/CN3/RB1
AVDD
AVSS
AN2/SS1/CN4/RB2
EMUD2/OC2/IC2/INT2/RD1
EMUC2/OC1/IC1/INT1/RD0
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
VSS
OSC2/CLKO/RC15
OSC1/CLKIN
VDD
FLTA/INT0/SCK1/OCFA/RE8
PGC/EMUC/U1RX/SDI1/SDA/RF2
PGD/EMUD/U1TX/SDO1/SCL/RF3
AN5/QEB/IC8/CN7/RB5
AN4/QEA/IC7/CN6/RB4
AN3/INDX/CN5/RB3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More