Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 40 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 36Page - Microchip Technology DM300018 Datasheet HTML 37Page - Microchip Technology DM300018 Datasheet HTML 38Page - Microchip Technology DM300018 Datasheet HTML 39Page - Microchip Technology DM300018 Datasheet HTML 40Page - Microchip Technology DM300018 Datasheet HTML 41Page - Microchip Technology DM300018 Datasheet HTML 42Page - Microchip Technology DM300018 Datasheet HTML 43Page - Microchip Technology DM300018 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 34
© 2005 Microchip Technology Inc.
5.
Connect the RS-232 cable from the PC to the UART connector (J2).
6.
Reapply power to the DC IN connector (J4). The PWR ON LED should illuminate.
7.
Load the sample application program for the dsPIC30F2012 (see
Section 5.4 “Device Programming”).
TABLE 5-1:
dsPIC30F2012 CONFIGURATION SETTINGS
Component
Header
Socket U1B1
No.
Jumper
Setting
Pin
Device Functions (see Figure 5-1)
Jumper JP1
JP1
Jumper
—
5 VDC jumper installed
Jumper JP2
JP2
Jumper
—
5 VDC jumper installed
Selector Switch
S2
GP 28 ON 17,18 PGC and PGD
Selector Switch
S3
OFF
—
Not used in this configuration
Selector Switch
S4
OFF
—
Not used in this configuration
PGM U3
H11
Open
—
No jumper connections
CAN Tx
H2
Open
—
—
CAN Rx
H2
Open
—
—
UART1 Tx *
H3
Open
—
—
UART1 Rx *
H3
Open
—
—
Alternate UART1 Tx * H4
GP ALL
11
EMUD1/SOSC1/T2CK/U1ATX/CN1/RC13
Alternate UART1 Rx * H4
GP ALL
12
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
UART2 Tx *
H5
Open
—
—
UART2 Rx *
H5
Open
—
—
Temperature Sensor
H10
GP ALL
5
AN3/CN5/RB3
Potentiometer
H13
GP ALL
4
AN2/SS1/LVDIN/CN4/RB2
Switch S5
H6
Open
16
—
Switch S6
H7
GP 28
15
EMUC2/IC1/INT1/RD8
LED D3
H12
GP D3
2
EMUD3/AN0/VREF+/CN2/RB0
LED D4
H12
GP D4
3
EMUC3/AN1/VREF-/CN3/RB1
LCD - SPI™ Clock*
H1
GP 40/28
16
SCK1/INT0/RF6
LCD - SPI Data*
H1
GP 40/28
17
PGD/EMUD/UITX/SDO1/SCL/RF3
*
On this device, multiplexing of various peripherals on the pins does not allow the
simultaneous use of:
– Switch S5 and LCD
– Primary UART1 pins and LCD.
Since only one DB-9 connector is provided for RS-232 communication, you can
select either UART1 (primary or alternate pins) or UART2, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More