| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 87 Page - Microchip Technology |
|
87 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 81 Chapter 13. Using the dsPIC30F4013 13.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F4013 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F4013 device in a 40-pin PDIP package, as shown in Figure 13-1. This device provides thirteen 12-bit A/D (100 ksps) channels, two UARTs, an SPI module, an I2C module, a CAN module and 30 I/O pins. A sample application program provides a software baseline for building your own embedded solution. FIGURE 13-1: 40-PIN PDIP dsPIC30F4013 13.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F4013 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 13.3 BOARD SETUP FOR THE dsPIC30F4013 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F4013 device to support the dsPIC30F4013 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. PGD/EMUD/AN7/RB7 PGC/EMUC/AN6/OCFA/RB6 C1RX/RF0 C1TX/RF1 IC1/INT1/RD8 OC3/RD2 AN8/RB8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 MCLR VDD VSS AN0/VREF+/CN2/RB0 AN1/VREF-/CN3/RB1 AN2/SS1/LVDIN/CN4/RB2 OC4/RD3 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 OSC2/CLKO/RC15 OSC1/CLKI AN5/IC8/CN7/RB5 AN4/IC7/CN6/RB4 AN3/CN5/RB3 AVDD AVSS IC2/INT2/RD9 VSS VDD EMUC3/SCK1/RF6 U1RX/SDI1/SDA/RF2 EMUD3/U1TX/SDO1/SCL/RF3 VSS VDD U2RX/CN17/RF4 U2TX/CN18/RF5 AN12/COFS/RB12 AN10/CSDI/RB10 AN11/CSDO/RB11 AN9/CSCK/RB9 EMUC2/OC1/RD0 EMUD2/OC2/RD1 INT0/RA11 U1A1 |