| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 27 Chapter 4. Using the dsPIC30F2011 4.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F2011 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F2011 device in an 18-pin PDIP package, as shown in Figure 4-1. This device provides eight 12-bit A/D (100 ksps) channels, a UART, an SPI module, an I2C module and 12 I/O pins. A sample applica- tion program provides a software baseline for building your own embedded solution. FIGURE 4-1: 18-PIN PDIP dsPIC30F2011 4.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F2011 Sample Application • Device Programming • Observing the Sample Application • In-Circuit debugging • Summary 4.3 BOARD SETUP FOR THE dsPIC30F2011 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F2011 device to support the dsPIC30F2011 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. 1. Disconnect the power source. 2. Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2 Development Board. 3. Plug the dsPIC30F2011 into socket U1C1. EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 OSC1/CLKI VDD OSC2/CLKO/RC15 PGD/EMUD/AN4/U1TX/SDO1/SCL/CN6/RB4 AVDD PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5 EMUD2/AN7/OC2/IC2/INT2/RB7 EMUD3\AN0/VREF+/CN2/RB0 VSS AN6/SCK1/INT0/OCFA/RB6 AVSS EMUD3\AN1/VREF-/CN3/RB1 AN2/SS1/LVDIN/CN4/RB2 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 EMUC2/OC1/IC1/INT1/RD0 AN3/CN5/RB3 MCLR U1A1 |