| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 69 Page - Microchip Technology |
|
69 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 63 Chapter 10. Using the dsPIC30F3014 10.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F3014 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F3014 device in a 40-pin PDIP package, as shown in Figure 10-1. This device provides thirteen 12-bit A/D (100 ksps) channels, two UARTs, an SPI module, an I2C module and 20 I/O pins. A sample appli- cation program provides a software baseline for building your own embedded solution. FIGURE 10-1: 18-PIN PDIP dsPIC30F3014 10.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F3014 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 10.3 BOARD SETUP FOR THE dsPIC30F3014 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F3014 device to support the dsPIC30F3014 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. 1. Disconnect the power source. U1A1 PGD/EMUD/AN7/RB7 PGC/EMUC/AN6/OCFA/RB6 RF0 RF1 RD2 IC1/INT1/RD8 AN8/RB8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 MCLR VDD Vss IC2/INT2/RD9 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 OSC2/CLKO/RC15 OSC1/CLKIN AN9/RB9 AN10/RB10 AN11/RB11 AN12/RB12 EMUD2/OC2/RD1 AVDD AVss RD3 Vss VDD EMUC3/SCK1/RF6 U1RX/SDI1/SDA/RF2 EMUC3/U1TX/SDO1/SCL/RF3 EMUC2/OC1/RD0 VDD U2RX/CN17/RF4 U2TX/CN18/RF5 AN4/CN6/RB4 AN2/SS1/LVDIN/CN4/RB2 AN1/VREF-/CN3/RB1 AN0/VREF+/CN2/RB0 AN5/CN7/RB5 INT0/RA11 Vss AN3/CN5/RB3 |