Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 77 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 73Page - Microchip Technology DM300018 Datasheet HTML 74Page - Microchip Technology DM300018 Datasheet HTML 75Page - Microchip Technology DM300018 Datasheet HTML 76Page - Microchip Technology DM300018 Datasheet HTML 77Page - Microchip Technology DM300018 Datasheet HTML 78Page - Microchip Technology DM300018 Datasheet HTML 79Page - Microchip Technology DM300018 Datasheet HTML 80Page - Microchip Technology DM300018 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
Using the dsPIC30F4011
© 2005 Microchip Technology Inc.
DS51558A-page 71
11.4
DEVICE PROGRAMMING
Load the sample application program for the dsPIC30F4011 using this process:
1.
Plug the RJ11 cable from the MPLAB ICD 2 into the ICD header (J1). Make sure
the USB cable from the MPLAB ICD 2 is connected to your PC.
2.
Start MPLAB IDE.
3.
Open the dsPIC30F4011 sample project (
File>Open Workspace) from
path\dsPICDEM2 Development Kit\Example Soft-
ware\30F4011\Demo.mcw
4.
Build the sample project in MPLAB IDE (
Project>Build All).
5.
Program the dsPIC30F4011 (
Programmer>Program). The Output window
(Figure 11-2) displays the status as the download occurs and indicates when the
programming has succeeded.
FIGURE 11-2:
PROGRAMMING THE dsPIC30F4011 DEVICE
6.
Disconnect the MPLAB ICD 2 cable from the ICD header. The program is now
ready to run (see Section 11.5 “Observing the Sample Application”).
Note:
For detailed information and procedures on using the MPLAB IDE and ICD
2 refer to Chapter 2 “Getting Started”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More