Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 25Page - Microchip Technology DM300018 Datasheet HTML 26Page - Microchip Technology DM300018 Datasheet HTML 27Page - Microchip Technology DM300018 Datasheet HTML 28Page - Microchip Technology DM300018 Datasheet HTML 29Page - Microchip Technology DM300018 Datasheet HTML 30Page - Microchip Technology DM300018 Datasheet HTML 31Page - Microchip Technology DM300018 Datasheet HTML 32Page - Microchip Technology DM300018 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
Using the dsPIC30F2010
© 2005 Microchip Technology Inc.
DS51558A-page 23
3.4
DEVICE PROGRAMMING
Load the sample application program for the dsPIC30F2010 using this process:
1.
Plug the RJ11cable from the MPLAB ICD 2 into the ICD header (J1). Make sure
the USB cable from the MPLAB ICD 2 is connected to your PC.
2.
Start MPLAB IDE.
3.
Open the dsPIC30F2010 sample project (
File>Open Workspace) from
path/dsPICDEM 2 Development Kit/Example Soft-
ware/30F2010/Demo.mcw
.
4.
Build the sample project in MPLAB IDE (
Project>Build All).
5.
On the dsPICDEM™ 2 board set all positions on switches S3 and S4 to OFF.
Then set switch S2 to M ALL. The MPLAB ICD 2 is now connected to the PGC
and PGD pins on the dsPIC30F2010.
6.
Download the sample application (
Programmer>Program). The Output window
(Figure 3-2) displays the status as the download occurs and indicates when the
programming has succeeded.
FIGURE 3-2:
PROGRAMMING THE dsPIC30F2010 DEVICE
7.
Disconnect the MPLAB ICD 2 cable from the ICD header. The program is now
ready to run (see Section 3.5 “Observing the Sample Application”).
Note:
For detailed information and procedures on using the MPLAB IDE and ICD
2 refer to Chapter 2 “Getting Started”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More