| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 50 Page - Microchip Technology |
|
50 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 44 © 2005 Microchip Technology Inc. FIGURE 6-3: CONFIGURATION BITS WINDOW 6.6.2 Examining the Code After the application has been reprogrammed to use the MPLAB ICD 2 as a debugger, you can use MPLAB IDE to run, halt and step the program. You can set breakpoints to halt the program and examine the actual code at any point. You can also examine the contents of the RAM and registers whenever the processor is halted. Refer to Section 2.3 “Getting Started” for an overview of the sample application. Flowcharts illustrate each of these processes: • Startup and initialization • Main loop processing • A/D conversion processing • External interrupt processing The dsPICDEM 2 Development Kit/Example Software/30F3010 folder con- tains fully annotated code files that you can examine, compare and copy. 6.7 SUMMARY This chapter has provided specific instructions for using the dsPICDEM 2 Development Board with a dsPIC30F3010 device. If you have reviewed this process, you should be able to: • Configure the dsPICDEM 2 Development Board for the dsPIC30F3010 device. • Set up MPLAB IDE to use the MPLAB ICD 2 In-Circuit Debugger. • Locate the sample application for the dsPIC30F3010 device. • Program the chip with the MPLAB ICD 2. • Examine the sample application and identify applicable code for your embedded solution. |