Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 62 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 58Page - Microchip Technology DM300018 Datasheet HTML 59Page - Microchip Technology DM300018 Datasheet HTML 60Page - Microchip Technology DM300018 Datasheet HTML 61Page - Microchip Technology DM300018 Datasheet HTML 62Page - Microchip Technology DM300018 Datasheet HTML 63Page - Microchip Technology DM300018 Datasheet HTML 64Page - Microchip Technology DM300018 Datasheet HTML 65Page - Microchip Technology DM300018 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 56
© 2005 Microchip Technology Inc.
FIGURE 8-3:
CONFIGURATION BITS WINDOW
8.6.2
Examining the Code
After the application has been reprogrammed to use the MPLAB ICD 2 as a debugger,
you can use MPLAB IDE to run, halt and step the program. You can set breakpoints to
halt the program and examine the actual code at any point. You can also examine the
contents of the RAM and registers whenever the processor is halted.
Refer to Section 2.3 “Getting Started” for an overview of the sample application.
Flowcharts illustrate each of these processes:
• Startup and initialization
• Main loop processing
• A/D conversion processing
• External interrupt processing
The dsPICDEM 2 Development Kit/Example Software/30F3012 folder con-
tains fully annotated code files that you can examine, compare and copy.
8.7
SUMMARY
This chapter has provided specific instructions for using the dsPICDEM 2 Development
Board with a dsPIC30F3012 device. If you have reviewed this process, you should be
able to:
• Configure the dsPICDEM 2 Development Board for the dsPIC30F3012 device.
• Set up MPLAB IDE to use the MPLAB ICD 2 In-Circuit Debugger.
• Locate the sample application for the dsPIC30F3012 device.
• Program the chip with the MPLAB ICD 2.
• Examine the sample application and identify applicable code for your embedded
solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More