| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 33 Chapter 5. Using the dsPIC30F2012 5.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F2012 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F2012 device in an 28-pin, SPDIP package, as shown in Figure 5-1. This device provides ten 12-bit A/D (100 ksps) channels, a UART, an SPI module, an I2C module and 20 I/O pins. A sample applica- tion program provides a software baseline for building your own embedded solution. FIGURE 5-1: 28-PIN SPDIP dsPIC30F2012 5.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F2012 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 5.3 BOARD SETUP FOR THE dsPIC30F2012 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F2012 device to support the dsPIC30F2012 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board. 1. Disconnect the power source. 2. Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2 Development Board. 3. Plug the dsPIC30F2012 into socket U1B1. 4. Configure the hardware components as shown in Table 5-1. U1B1 MCLR VSS VDD EMUD3/AN0/VREF+/CN2/RB0 EMUC3/AN1/VREF-/CN3/RB1 AVDD AVSS AN2/SS1/LVDIN/CN4/RB2 IC2/INT2/RD9 EMUC2/IC1/INT1/RD8 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 VSS OSC2/CLKO/RC15 OSC1/CLKI VDD SCK1/INT0/RF6 PGC/EMUC/U1RX/SDI1/SDA/RF2 PGD/EMUD/U1TX/SDO1/SCL/RF3 AN5/CN7/RB5 AN4/CN6/RB4 AN3/CN5/RB3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 AN6/OCFA/RB6 EMUD2/AN7/RB7 AN8/OC1/RB8 AN9/OC2/RB9 CN17/RF4 CN18/RF5 |