| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 48 Page - Microchip Technology |
|
48 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 42 © 2005 Microchip Technology Inc. 6.5 OBSERVING THE SAMPLE APPLICATION 1. Press RESET ALL. The program begins to run. 2. Set up a HyperTerminal session on the PC to run with these parameters: As a shortcut, you can launch the Hyperterminal_RS232_dsPICDEM2.ht file in the dsPICDEM 2 Development Kit/Example Software/30F3010 folder. 3. See information on LCD. Note that the HyperTerminal displays the same information. 4. Adjust temperature and note LCD and HyperTerminal readings. 5. Adjust potentiometer and note LCD and HyperTerminal readings. 6. Observe the rate at which LEDs D3 and D4 blink. 7. Press S6 (INT1) and note the affect on D3 and D4. Port Setting Value Bits per second 9600 Data bits 8 Parity None Stop bits 1 Flow control None |