| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 81 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 81 Page - Microchip Technology |
|
81 / 115 page ![]() dsPICDEM™ 2 DEVELOPMENT BOARD USER’S GUIDE © 2005 Microchip Technology Inc. DS51558A-page 75 Chapter 12. Using the dsPIC30F4012 12.1 INTRODUCTION This chapter assumes you have chosen the dsPIC30F4012 for your application. The dsPICDEM 2 Development Board supports a dsPIC30F4012 device in a 40-pin PDIP package, as shown in Figure 12-1. This device provides six 10-bit A/D (500 ksps) channels, a UART, an SPI module, an I2C module, a CAN module and 20 I/O pins. A sample application program provides a software baseline for building your own embedded solution. FIGURE 12-1: 28-PIN PDIP dsPIC30F4012 12.2 HIGHLIGHTS This chapter discusses: • Board Setup for the dsPIC30F4012 Sample Application • Device Programming • Observing the Sample Application • In-Circuit Debugging • Summary 12.3 BOARD SETUP FOR THE dsPIC30F4012 SAMPLE APPLICATION The dsPICDEM 2 Development Board supports dsPIC30F devices that have multiple peripheral devices multiplexed on some pins. Therefore, the jumper set up of various headers depends on which of the dsPIC30F peripherals are used by the application. This section demonstrates how the board is set up for the dsPIC30F4012 device to support the dsPIC30F4012 example software in the dsPICDEM 2 Development Kit CD. Follow these steps to configure the hardware on the dsPICDEM 2 Development Board for the sample application. 1. Disconnect the power source. U2B1 MCLR PWM1L/RE0 PWM1H/RE1 PWM2L/RE2 PWM2H/RE3 PWM3L/RE4 PWM3H/RE5 VSS VDD EMUD3/AN0/VREF+/CN2/RB0 EMUC3/AN1/VREF-/CN3/RB1 AVDD AVSS AN2/SS1/CN4/RB2 EMUD2/OC2/IC2/INT2/RD1 EMUC2/OC1/IC1/INT1/RD0 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 VSS OSC2/CLKO/RC15 OSC1/CLKIN VDD FLTA/INT0/SCK1/OCFA/RE8 PGC/EMUC/U1RX/SDI1/SDA/C1RX/RF2 PGD/EMUD/U1TX/SDO1/SCL/C1TX/RF3 AN5/QEB/IC8/CN7/RB5 AN4/QEA/IC7/CN6/RB4 AN3/INDX/CN5/RB3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 |