Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 18Page - Microchip Technology DM300018 Datasheet HTML 19Page - Microchip Technology DM300018 Datasheet HTML 20Page - Microchip Technology DM300018 Datasheet HTML 21Page - Microchip Technology DM300018 Datasheet HTML 22Page - Microchip Technology DM300018 Datasheet HTML 23Page - Microchip Technology DM300018 Datasheet HTML 24Page - Microchip Technology DM300018 Datasheet HTML 25Page - Microchip Technology DM300018 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 16
© 2005 Microchip Technology Inc.
2.4.3
Observe Sample Application
To run and observe the sample application follow these steps:
1.
Plug the 9 VDC cable into the DC IN connector (J4). The PWR ON indicator
should illuminate.
2.
Press the RESET ALL pushbutton (S1). The LCD displays the current tempera-
ture and voltage values, which represent the A/D conversions from the tempera-
ture sensor and potentiometer, respectively.
The LED indicators (D3 and D4) should initially be off and then start to blink.
3.
Touch the temperature sensor for a moment and observe the temperature read-
ing. It should increase as your finger warms the sensor.
4.
Adjust the potentiometer clockwise and observe the voltage reading increase.
Then readjust it counterclockwise and observe the voltage reading decrease.
5.
Observe the HyperTerminal screen and note that the information is updated to
match the LCD (see Figure 2-3).
FIGURE 2-3:
TYPICAL HyperTerminal® SESSION
6.
Press pushbutton S5 (INT0) once and note that the rate at which D3 and D4 blink
changes. As you press S5 again, observe that the blink rate cycles from
extremely fast (both LEDs appear to be on) to fast (blinking rapidly) to moderate
(blinking slowly) to slow (appear to be switching on and off).
7.
Press pushbutton S6 (INT1) once and note that D3 and D4 blink alternately. As
you press S6 again, note the LEDs cycle between blinking together and blinking
alternately.
dsPICDEM
™ 2 Board
T=+18C
Pot=3.42v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More