Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300018 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 32Page - Microchip Technology DM300018 Datasheet HTML 33Page - Microchip Technology DM300018 Datasheet HTML 34Page - Microchip Technology DM300018 Datasheet HTML 35Page - Microchip Technology DM300018 Datasheet HTML 36Page - Microchip Technology DM300018 Datasheet HTML 37Page - Microchip Technology DM300018 Datasheet HTML 38Page - Microchip Technology DM300018 Datasheet HTML 39Page - Microchip Technology DM300018 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 30
© 2005 Microchip Technology Inc.
4.5
OBSERVING THE SAMPLE APPLICATION
1.
Press RESET ALL. The program begins to run.
2.
Set up a HyperTerminal session on the PC to run with these parameters:
As a shortcut, you can launch the Hyperterminal_RS232_dsPICDEM2.ht
file in the dsPICDEM 2 Development Kit/Example Software/30F2011
folder.
3.
See information on LCD. Note that the HyperTerminal displays the same
information.
4.
Adjust temperature and note LCD and HyperTerminal readings.
5.
Adjust potentiometer and note LCD and HyperTerminal readings.
6.
Observe the rate at which LEDs D3 and D4 blink.
7.
Press S6 (INT1) and note the affect on D3 and D4.
Port Setting
Value
Bits per second
9600
Data bits
8
Parity
None
Stop bits
1
Flow control
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More