| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 70 Page - Microchip Technology |
|
70 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 64 © 2005 Microchip Technology Inc. 2. Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2 Development Board. 3. Plug the dsPIC30F3014 into socket U1A1. 4. Configure the hardware components as shown in Table 10-1. 5. Connect the RS-232 cable from the PC to the UART connector (J2). 6. Reapply power to the DC IN connector (J4). The PWR ON LED should illuminate. 7. Load the sample application program for the dsPIC30F3014 (see Section 10.4 “Device Programming”). TABLE 10-1: HARDWARE CONFIGURATION SETTINGS Component Header Socket U1A1 No. Jumper Setting Pin Device Functions (see Figure 10-1) Jumper JP1 JP1 Jumper — 5 VDC jumper installed Jumper JP2 JP2 Jumper — 5 VDC jumper installed Selector Switch S2 GP 40 ON 8-9 PGC and PGD Selector Switch S3 OFF — Not used in this configuration Selector Switch S4 OFF — Not used in this configuration PGM U3 H11 Open — — CAN Tx H2 Open — — CAN Rx H2 Open — — UART1 Tx* H3 Open — — UART1 Rx* H3 Open — — Alternate UART1 Tx* H4 GP ALL 15 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 Alternate UART1 Rx* H4 GP ALL 16 EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 UART2 Tx* H5 Open — — UART2 Rx* H5 Open — — Temperature Sensor H10 GP ALL 5 AN3/CN5/RB3 Potentiometer H13 GP ALL 4 AN2/SS1/LVDIN/CN4/RB2 Switch S5 H6 GP 40/28 17 INT0/RA11 Switch S6 H7 GP 40 23 IC1/INT1/RD8 LED D3 H12 GP D3 2 AN0/VREF+/CN2/RB0 LED D4 H12 GP D4 3 AN1/VREF-/CN3/RB1 LCD - SPI™ Clock* H1 GP 40/28 24 EMUC3/SCK1/RF6 LCD - SPI Data* H1 GP 40/28 25 EMUC3/U1TX/SDO1/SCL/RF3 * Since only one DB-9 connector is provided for RS-232 communication, you can select either UART1 (primary or alternate pins) or UART2, but not both. |