| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300018 Fiches technique(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Fiches technique(HTML) 65 Page - Microchip Technology |
|
65 / 115 page ![]() Using the dsPIC30F3013 © 2005 Microchip Technology Inc. DS51558A-page 59 9.4 DEVICE PROGRAMMING Load the sample application program for the dsPIC30F3013 using this process: 1. Plug the RJ11 (telephone) cable from the MPLAB ICD 2 into the ICD header (J1). Make sure the USB cable from the MPLAB ICD 2 is connected to your PC. 2. Start MPLAB IDE. 3. Open the dsPIC30F3013 sample project ( File>Open Workspace) from path/dsPICDEM 2 Development Kit/Example Soft- ware/30F3013/Demo.mcw . 4. Build the sample project in MPLAB IDE ( Project>Build All). 5. On the dsPICDEM™ 2 board set all positions on switches S3 and S4 to off. Then set switch S2 to GP 28. The MPLAB ICD 2 is now connected to the PGC and PGD pins on the dsPIC30F3013. 6. Download the sample application ( Programmer>Program). The Output window (Figure 9-2) displays the status as the download occurs and indicates when the programming has succeeded. FIGURE 9-2: PROGRAMMING THE dsPIC30F3013 DEVICE 7. Disconnect the MPLAB ICD 2 cable from the ICD header. The program is now ready to run (see Section 9.5 “Observing the Sample Application”). Note: For detailed information and procedures on using the MPLAB IDE and ICD 2, refer to Chapter 2 “Getting Started”. |