| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 113 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 113 Page - NXP Semiconductors |
|
113 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* If other values are required, this register may be written with new values "* to become active for the next hard reset. "* The state machines are built in a way that its power on value is changed in "* one place - the declarations area. "****************************************************************************** equations @ifdef SLOW_PLL_LOCK { !PonDefault~ = !ResetConf~ # RGPORIn; } !Bcsr0Write~ = (!BrdContRegCs~ & !TA~ & !R_W~ & !A27 & !A28 & !A29 & !CntRegEn~); !Bcsr1Write~ = (!BrdContRegCs~ & !TA~ & !R_W~ & !A27 & !A28 & A29 & !CntRegEn~); !Bcsr4Write~ = (!BrdContRegCs~ & !TA~ & !R_W~ & A27 & !A28 & !A29 & !CntRegEn~); ConfigReg.clk = SYSCLK; state_diagram ERB state INTERNAL_ARBITRATION: if (MPC_WRITE_BCSR_0 & (ERB_DATA_BIT.pin == EXTERNAL_ARBITRATION) & (!KA_PON_RESET # (ERB_PON_DEFAULT != INTERNAL_ARBITRATION)) # (KA_PON_RESET & (ERB_PON_DEFAULT == EXTERNAL_ARBITRATION)) ) then EXTERNAL_ARBITRATION else INTERNAL_ARBITRATION; state EXTERNAL_ARBITRATION: if (MPC_WRITE_BCSR_0 & (ERB_DATA_BIT.pin == INTERNAL_ARBITRATION) & (!KA_PON_RESET # (ERB_PON_DEFAULT != EXTERNAL_ARBITRATION)) # (KA_PON_RESET & (ERB_PON_DEFAULT == INTERNAL_ARBITRATION)) ) then INTERNAL_ARBITRATION else EXTERNAL_ARBITRATION; "****************************************************************************** state_diagram IP~ state IP_AT_0xFFF00000: Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |