| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 111 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 111 Page - NXP Semiconductors |
|
111 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "******* Data Bits Assignments ************* "******************************************* FLASH_ENABLE_DATA_BIT = [D0]; DRAM_ENABLE_DATA_BIT = [D1]; ETH_ENABLE_DATA_BIT = [D2]; INF_RED_ENABLE_DATA_BIT = [D3]; FLASH_CFG_ENABLE_DATA_BIT = [D4]; CNT_REG_EN_PROTECT_DATA_BIT = [D5]; CONT_REG_ENABLE_DATA_BIT = [D6]; RS232_1_ENABLE_DATA_BIT = [D7]; PCC_ENABLE_DATA_BIT = [D8]; PCC_VCC_0_DATA_BIT = [D9]; PCC_VPP0_DATA_BIT = [D10]; PCC_VPP1_DATA_BIT = [D11]; HALF_WORD_DATA_BIT = [D12]; RS232_2_ENABLE_DATA_BIT = [D13]; SDRAM_ENABLE_DATA_BIT = [D14]; PCC_VCC_1_DATA_BIT = [D15]; "****************************************************************************** "****************************************************************************** "* BCSR 4 definitions. "****************************************************************************** "****************************************************************************** ETH_LOOP = 1; ETH_FULL_DUP = 0; ETH_CLSN_TEST = 0; SIGNAL_LAMP_ON = 0; USB_UTP_FETH_ENABLED = 0; USB_FULL_SPEED = 1; USB_VCC_CONT_0 = 0; VIDEO_ENABLED = 0; VIDEO_EXT_CLK_ENABLED = 1; VIDEO_RESET_ACTIVE = 0; MODEM_ENABLED_FOR_823 = 0; MODEM = 1; "*********************************************** "******* Power On Defaults Assignments ********* "*********************************************** ETH_LOOP_PON_DEFAULT = !ETH_LOOP; ETH_FULL_DUP_PON_DEFAULT = !ETH_FULL_DUP; ETH_CLSN_TEST_PON_DEFAULT = !ETH_CLSN_TEST; Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |