Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 2Page - NXP Semiconductors MPC821 Datasheet HTML 3Page - NXP Semiconductors MPC821 Datasheet HTML 4Page - NXP Semiconductors MPC821 Datasheet HTML 5Page - NXP Semiconductors MPC821 Datasheet HTML 6Page - NXP Semiconductors MPC821 Datasheet HTML 7Page - NXP Semiconductors MPC821 Datasheet HTML 8Page - NXP Semiconductors MPC821 Datasheet HTML 9Page - NXP Semiconductors MPC821 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 242 page
background image
General Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 1-1 MPC8XXFADS Motherboard Block Diagram
1•7
MPC8XXFADS Goals
The MPC8XXFADS is meant to become a general platform for s/w and h/w development around the
MPC8XX family. Using its on-board resources and its associated debugger, the developer is able to
load his code, run it, set breakpoints, display memory and registers and connect his own proprietary
h/w via the expansion connectors, to be incorporated to a system with the MPC.
This board could also be used as a demonstration tool, i.e., application s/w may be programmedA into
its flash memory and ran in exhibitions etc.
A. Either on or off-board.
FLASH SIMM.
2 - 8MByte
DRAM SIMM
4 - 32 Mbyte
DATA & ADDRESS
BUFFERS
DEBUG
PORT
CONTROLLER
(ADI I/F)
Reset,
Interrupts
& Clock
Dram Width
& Size Logic
Debug
Port
Connector
ADI PORT
DAUGHTER
BOARD
CONN.
(*)
(*) May be on a separate board.
EEST
PCMCIA
Buffering
&
Control
SDRAM
4 MBytes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More