| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 114 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 114 Page - NXP Semiconductors |
|
114 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE if (MPC_WRITE_BCSR_0 & (IP~_DATA_BIT.pin == IP_AT_0x00000000) & (!KA_PON_RESET # (IP~_PON_DEFAULT != IP_AT_0xFFF00000)) # (KA_PON_RESET & (IP~_PON_DEFAULT == IP_AT_0x00000000)) ) then IP_AT_0x00000000 else IP_AT_0xFFF00000; state IP_AT_0x00000000: if (MPC_WRITE_BCSR_0 & (IP~_DATA_BIT.pin == IP_AT_0xFFF00000) & (!KA_PON_RESET # (IP~_PON_DEFAULT != IP_AT_0x00000000)) # (KA_PON_RESET & (IP~_PON_DEFAULT == IP_AT_0xFFF00000)) ) then IP_AT_0xFFF00000 else IP_AT_0x00000000; "****************************************************************************** state_diagram RSV2 state !RSV2_ACTIVE: if (MPC_WRITE_BCSR_0 & (RSV2_DATA_BIT.pin == RSV2_ACTIVE) & (!KA_PON_RESET # (RSV2_PON_DEFAULT != !RSV2_ACTIVE)) # (KA_PON_RESET & (RSV2_PON_DEFAULT == RSV2_ACTIVE)) ) then RSV2_ACTIVE else !RSV2_ACTIVE; state RSV2_ACTIVE: if (MPC_WRITE_BCSR_0 & (RSV2_DATA_BIT.pin == !RSV2_ACTIVE) & (!KA_PON_RESET # (RSV2_PON_DEFAULT != RSV2_ACTIVE)) # (KA_PON_RESET & (RSV2_PON_DEFAULT == !RSV2_ACTIVE)) ) then !RSV2_ACTIVE else RSV2_ACTIVE; "****************************************************************************** state_diagram BDIS state BOOT_ENABLE: if (MPC_WRITE_BCSR_0 & (BDIS_DATA_BIT.pin == BOOT_DISABLE) & (!KA_PON_RESET # (BDIS_PON_DEFAULT != BOOT_ENABLE)) # (KA_PON_RESET & (BDIS_PON_DEFAULT == BOOT_DISABLE)) ) then BOOT_DISABLE else Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |