Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 73 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 73 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 69Page - NXP Semiconductors MPC821 Datasheet HTML 70Page - NXP Semiconductors MPC821 Datasheet HTML 71Page - NXP Semiconductors MPC821 Datasheet HTML 72Page - NXP Semiconductors MPC821 Datasheet HTML 73Page - NXP Semiconductors MPC821 Datasheet HTML 74Page - NXP Semiconductors MPC821 Datasheet HTML 75Page - NXP Semiconductors MPC821 Datasheet HTML 76Page - NXP Semiconductors MPC821 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
APPENDIX A - Programmable Logic Equations
The MPC8XXFADS has 3 programmable logic devices on it. Use is done with MACH220-12 by AMD.
These device support the following function on the FADS:
1)
U7 - Debug Port Controller
2)
U10 - auxiliary board control functions, e.g,. buffers control, local interrupter, reset logic,
etc’.
3)
U11 - the BCSR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More