Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 117 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 117 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 113Page - NXP Semiconductors MPC821 Datasheet HTML 114Page - NXP Semiconductors MPC821 Datasheet HTML 115Page - NXP Semiconductors MPC821 Datasheet HTML 116Page - NXP Semiconductors MPC821 Datasheet HTML 117Page - NXP Semiconductors MPC821 Datasheet HTML 118Page - NXP Semiconductors MPC821 Datasheet HTML 119Page - NXP Semiconductors MPC821 Datasheet HTML 120Page - NXP Semiconductors MPC821 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
state_diagram RSV6
state !RSV6_ACTIVE:
if (MPC_WRITE_BCSR_0 &
(RSV6_DATA_BIT.pin == RSV6_ACTIVE) &
(!KA_PON_RESET # (RSV6_PON_DEFAULT != !RSV6_ACTIVE)) #
(KA_PON_RESET & (RSV6_PON_DEFAULT == RSV6_ACTIVE)) ) then
RSV6_ACTIVE
else
!RSV6_ACTIVE;
state RSV2_ACTIVE:
if (MPC_WRITE_BCSR_0 &
(RSV6_DATA_BIT.pin == !RSV6_ACTIVE) &
(!KA_PON_RESET # (RSV6_PON_DEFAULT != RSV6_ACTIVE)) #
(KA_PON_RESET & (RSV6_PON_DEFAULT == !RSV6_ACTIVE)) ) then
!RSV6_ACTIVE
else
RSV6_ACTIVE;
"******************************************************************************
state_diagram ISB
state INT_SPACE_BASE_0x00000000:
if (MPC_WRITE_BCSR_0 &
(ISB_DATA_BIT.pin == INT_SPACE_BASE_0x00F00000) &
(!KA_PON_RESET # (ISB_PON_DEFAULT != INT_SPACE_BASE_0x00000000)) #
(KA_PON_RESET & (ISB_PON_DEFAULT == INT_SPACE_BASE_0x00F00000)) ) then
INT_SPACE_BASE_0x00F00000
else if (MPC_WRITE_BCSR_0 &
(ISB_DATA_BIT.pin == INT_SPACE_BASE_0xFF000000) &
(!KA_PON_RESET # (ISB_PON_DEFAULT != INT_SPACE_BASE_0x00000000)) #
(KA_PON_RESET & (ISB_PON_DEFAULT == INT_SPACE_BASE_0xFF000000)) ) then
INT_SPACE_BASE_0xFF000000
else if (MPC_WRITE_BCSR_0 &
(ISB_DATA_BIT.pin == INT_SPACE_BASE_0xFFF00000) &
(!KA_PON_RESET # (ISB_PON_DEFAULT != INT_SPACE_BASE_0x00000000)) #
(KA_PON_RESET & (ISB_PON_DEFAULT == INT_SPACE_BASE_0xFFF00000)) ) then
INT_SPACE_BASE_0xFFF00000
else
INT_SPACE_BASE_0x00000000;
state INT_SPACE_BASE_0x00F00000:
if (MPC_WRITE_BCSR_0 &
(ISB_DATA_BIT.pin == INT_SPACE_BASE_0x00000000) &
(!KA_PON_RESET # (ISB_PON_DEFAULT != INT_SPACE_BASE_0x00F00000)) #
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More