Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 21Page - NXP Semiconductors MPC821 Datasheet HTML 22Page - NXP Semiconductors MPC821 Datasheet HTML 23Page - NXP Semiconductors MPC821 Datasheet HTML 24Page - NXP Semiconductors MPC821 Datasheet HTML 25Page - NXP Semiconductors MPC821 Datasheet HTML 26Page - NXP Semiconductors MPC821 Datasheet HTML 27Page - NXP Semiconductors MPC821 Datasheet HTML 28Page - NXP Semiconductors MPC821 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
OR0
MCM29F020-90
FFE00D20
2MByte block size, all types access, CS early negate,
2 w.s.
MCM29F040-90
SM732A1000A-9
FFC00D20
4MByte block size, all types access, CS early negate,
2 w.s.
MCM29F080-90
SM732A2000-9
FF800920
8MByte block size, all types access, CS early negate,
2 w.s., Timing relax
MCM29F020-12
FFE00D30
2MByte block size, all types access, CS early negate,
3 w.s.
MCM29F040-12
SM732A1000A-12
FFC00D30
4MByte block size, all types access, CS early negate,
3 w.s.
MCM29F080-12
SM732A2000-12
FF800930
8MByte block size, all types access, CS early negate,
3 w.s.
BR1
BCSR
02100001
Base at 2100000, 32 bit port size, no parity, GPCM
OR1
FFFF8110
32 KByte block size, all types access, CS early
negate, 1 w.s.
BR2
All
Dram
SIMMs
Supported
00000081
Base at 0, 32 bit port size, no parity, UPMA
OR2
MB321/2BT08TASN60
FFC00800
4MByte block size, all types access, initial address
multiplexing according to AMA.
MB324/8CT00TBSN60
FF000800
16MByte block size, all types access, initial address
multiplexing according to AMA.
BR3a
MB322BT08TASN60
00400081
Base at 400000, 32 bit port size, no parity, UPMA
MB328CT00TBSN60
01000081
Base at 1000000, 32 bit port size, no parity, UPMA
OR3
MB322BT08TASN60
FFC00800
4MByte block size, all types access, initial address
multiplexing according to AMA
MB328CT00TBSN60
FF000800
16MByte block size, all types access, initial address
multiplexing according to AMA.
BR4
MB811171622A-100
030000C1
Base at 3000000, on UPM B.
OR4
FFC00A00
4MByte block size, all types access, initial address
multiplexing according to AMB
MPTPR
All
Dram
SIMMs
Supported
0400
Divide by 16 (decimal)
TABLE 3-6. Memory Controller Initializations For 20Mhz
Register
Device Type
Init Value [hex]
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More