| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 75 Page - NXP Semiconductors |
|
75 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* that ON the switch represent address line at high and vice-versa "****************************************************************************** "* In this file (3) the IClk is not reseted at all so it can be used to "* sync MPC8XX reset signals inside. "* Added consideration for reset generated by the MPC8XX: "* - when MPC8XX is reset (i.e., its hard | soft reset signals are asserted, "* it is not allowed for the host to initiate data trnasfer towards the MPC8XX. "* It can however, access the control / status register to either change "* parameters and / or check for status. "* - The status of reset signals is added to the status register, so it can "* be polled by the host. "****************************************************************************** module dbg_prt8 title 'MPC8XXFADS Debug Port Controller’ "****************************************************************************** "* Device declaration. * "****************************************************************************** U02 device 'mach220a'; "****************************************************************************** "* ####### * "* # # # ##### ###### ##### # # ## # #### * "* # # # # # # # ## # # # # # * "* ##### ## # ##### # # # # # # # # #### * "* # ## # # ##### # # # ###### # # * "* # # # # # # # # ## # # # # # * "* ####### # # # ###### # # # # # # ###### #### * "****************************************************************************** "****************************************************************************** "* Pins declaration. * "****************************************************************************** "ADI Port pins. HstReq PIN 20 ; "Host to ADS, write pulse. (IN) AdsAck PIN 31 ISTYPE 'reg, buffer'; "ADS to host, write ack. "(OUT,3s) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |