| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 55 Page - NXP Semiconductors |
|
55 / 242 page ![]() Functional Description MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE WARNING Since EXTOLI(0:3) lines may be DRIVEN LOW (’0’) by the dip-switch, OFF-BOARD tools should NEV- ER DRIVE them HIGH. Failure in doing so, might re- sult in PERMANENT DAMAGE to the FADS and / or to OFF-BOARD logic. 4•11•5 BCSR3 - Board Control / Status Register 3 BCSR3 is an additional control / status register which may be accessed at offset 0xC from BCSR base address. BCSR3 gets its defaults during Power-On reset and may be read or written at any time. TABLE 4-18. MPC8XXFADS Daughter Boards’ Revision Encoding Revision Number (0:3) [Hex] MPC8XXFADS Daughter Board Revision 0 ENG (Engineering) 1 PILOT 2 - 7 Reserved Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |