| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 112 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 112 Page - NXP Semiconductors |
|
112 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE SIGNAL_LAMP_PON_DEFAULT = !SIGNAL_LAMP_ON; USB_UTP_FETH_EN_PON_DEFAULT = !USB_UTP_FETH_ENABLED; USB_SPEED_PON_DEFAULT = USB_FULL_SPEED; USB_VCC_0_CONT_PON_DEFAULT = !USB_VCC_CONT_0; USB_VCC_1_CONT_PON_DEFAULT = !USB_VCC_CONT_0; VIDEO_ENABLE_PON_DEFAULT = !VIDEO_ENABLED; VIDEO_EXT_CLK_EN_PON_DEFAULT = !VIDEO_EXT_CLK_ENABLED; VIDEO_RESET_PON_DEFAULT = !VIDEO_RESET_ACTIVE; MODEM_ENABLE_PON_DEFAULT = !MODEM_ENABLED_FOR_823; MODEM_FUNC_SEL_PON_DEFAULT = MODEM; "******************************************* "******* Data Bits Assignments ************* "******************************************* ETH_LOOP_DATA_BIT = [D0]; ETH_FULL_DUP_DATA_BIT = [D1]; ETH_CLSN_TEST_DATA_BIT = [D2]; SIGNAL_LAMP_DATA_BIT = [D3]; USB_UTP_FETH_EN_DATA_BIT = [D4]; USB_SPEED_DATA_BIT = [D5]; USB_VCC_0_DATA_BIT = [D6]; USB_VCC_1_DATA_BIT = [D7]; VIDEO_ENABLE_DATA_BIT = [D8]; VIDEO_EXT_CLK_EN_DATA_BIT = [D9]; VIDEO_RESET_DATA_BIT = [D10]; MODEM_ENABLE_DATA_BIT = [D11]; MODEM_FUNC_SEL_DATA_BIT = [D12]; "****************************************************************************** "* Equations, state diagrams. * "****************************************************************************** "* * "* ####### * "* # #### # # ## ##### # #### # # #### * "* # # # # # # # # # # # ## # # * "* ##### # # # # # # # # # # # # # #### * "* # # # # # # ###### # # # # # # # # * "* # # # # # # # # # # # # ## # # * "* ####### ### # #### # # # # #### # # #### * "* * "****************************************************************************** "* Configuration Register. "* Gets its default pon reset values which are driven to the data bus when "* during hard reset configuration. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |