| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 85 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 85 Page - NXP Semiconductors |
|
85 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "****************************************************************************** ADS_REQ_ACTIVE = 1; "The other state is - !ADS_REQ_ACTIVE HOST_READ_ADI = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstAck.fb==HOST_ACK_ACTIVE) & (AdsReq==ADS_REQ_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) ); HOST_READ_ADI_DATA = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstAck.fb==HOST_ACK_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) & (AdsReq==ADS_REQ_ACTIVE) & (D_C~==DATA) ); HOST_READ_ADI_CONTROL = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstAck.fb==HOST_ACK_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) & (AdsReq==ADS_REQ_ACTIVE) & (D_C~==CONTROL) ); ADS_SEND_STATUS = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstReq.fb == !HOST_REQ_ACTIVE) & (D_C~==CONTROL) & (AdsAck==ADS_ACK_ACTIVE) & IS_STATUS_REQUEST ); "****************************************************************************** "* ADI Data Bus definitions "****************************************************************************** DATA_BUFFERS_ENABLE = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (HstAck==HOST_ACK_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) ); STATUS_WORD_ON_ADI_BUS = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (HstAck==HOST_ACK_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) & (D_C~==CONTROL) ); READ_DATA_WORD_ON_ADI_BUS = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (HstAck==HOST_ACK_ACTIVE) & (HstReq==!HOST_REQ_ACTIVE) & (D_C~== DATA) ); "****************************************************************************** "* Vfls / Frz select definitions Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |