| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 83 Page - NXP Semiconductors |
|
83 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE DEBUG_CLOCK_DIV_BY_8 = (Cstr.fb == 3); "****************************************************************************** "* AdsAck Logic definitions "****************************************************************************** BUNDLE_DELAY = 2; HOST_REQ_ACTIVE = 1; ADS_ACK_ACTIVE = 1; "The other state is - !ADS_ACK_ACTIVE HOST_ACK_ACTIVE = 1; HOST_WRITE_ADI = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstReq.fb ==HOST_REQ_ACTIVE) & (AdsAck==!ADS_ACK_ACTIVE) & (HstAck==!HOST_ACK_ACTIVE) ); HOST_WRITE_ADI_CONTROL = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstReq.fb ==HOST_REQ_ACTIVE) & (AdsAck==!ADS_ACK_ACTIVE) & (D_C~==CONTROL) & (S_D_C~.fb == CONTROL) & (HstAck==!HOST_ACK_ACTIVE) ); HOST_WRITE_ADI_DATA = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstReq.fb==HOST_REQ_ACTIVE) & (AdsAck==!ADS_ACK_ACTIVE) & (D_C~==DATA) & (S_D_C~.fb ==DATA) & (HstAck==!HOST_ACK_ACTIVE) ); HOST_WRITE_COMPLETE = ( (AdsSelect~.fb==BOARD_IS_SELECTED) & (DS_HstReq.fb==!HOST_REQ_ACTIVE) & (AdsAck==!ADS_ACK_ACTIVE) ); "****************************************************************************** "* Control & Status register definitions "****************************************************************************** STATUS_REQUEST= 0; DEBUG_ENTRY= 0; DIAG_LOOP_BACK= 0; IN_DEBUG_MODE = 1; Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |