| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 76 Page - NXP Semiconductors |
|
76 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE AdsReq PIN 2 ISTYPE 'reg, buffer'; "ADS to host, write "signal. (OUT,3s) HstAck PIN 54; "Host to ADS, write ack. (IN) AdsHardReset PIN 50; "Host to ADS, Hard reset. (IN) AdsSoftReset PIN 17; "Host to ADS, Soft reset. (IN) HstEn~ PIN 3; "Host connected to ADS. (IN) HostVcc PIN 49; "Host to ADS, host is on. (IN) D_C~ PIN 51; "Host to ADS, select data "or control access. (IN) AdsSel0 PIN 22; AdsSel1 PIN 21; AdsSel2 PIN 9; "Host to ADS, card addr. (IN) AdsAddr0 PIN 7; AdsAddr1 PIN 6; AdsAddr2 PIN 5; "ADS board address switch. (IN) AdsSelect~ NODE ISTYPE 'com, buffer'; "ADS selection indicator. (OUT) "****************************************************************************** "* MPC pins. Including debug port. * "****************************************************************************** PdaHardReset~ PIN 40; "Pda's hard reset input. (I/O. o.d.) PdaSoftReset~ PIN 65; "Pda's soft reset output. (I/O. o.d.) VFLS0 PIN 10 ; VFLS1 PIN 11 ; "Debug/Trap mode, report. (IN) Freeze PIN 24; "Alternative debug mode report (IN) DSCK PIN 48 istype 'com'; "Pda's debug port clock. (Out) DSDI PIN 47 istype 'com'; "Pda's debug serial data in (Out) DSDO PIN 4; " MPC8XX's debug serial data output (In) "****************************************************************************** "* Dedicated Debug Port pins. "****************************************************************************** Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |