| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 115 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 115 Page - NXP Semiconductors |
|
115 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE BOOT_ENABLE; state BOOT_DISABLE: if (MPC_WRITE_BCSR_0 & (BDIS_DATA_BIT.pin == BOOT_ENABLE) & (!KA_PON_RESET # (BDIS_PON_DEFAULT != BOOT_DISABLE)) # (KA_PON_RESET & (BDIS_PON_DEFAULT == BOOT_ENABLE)) ) then BOOT_ENABLE else BOOT_DISABLE; "****************************************************************************** state_diagram BPS state BOOT_PORT_32: if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_8) & (!KA_PON_RESET # (BPS_PON_DEFAULT != BOOT_PORT_32)) # (KA_PON_RESET & (BPS_PON_DEFAULT == BOOT_PORT_8)) ) then BOOT_PORT_8 else if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_16) & (!KA_PON_RESET # (BPS_PON_DEFAULT != BOOT_PORT_32)) # (KA_PON_RESET & (BPS_PON_DEFAULT == BOOT_PORT_16)) ) then BOOT_PORT_16 else if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_RESERVED) & (!KA_PON_RESET # (BPS_PON_DEFAULT != BOOT_PORT_32)) # (KA_PON_RESET & (BPS_PON_DEFAULT == BOOT_PORT_RESERVED)) ) then BOOT_PORT_RESERVED else BOOT_PORT_32; state BOOT_PORT_8: if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_32) & (!KA_PON_RESET # (BPS_PON_DEFAULT != BOOT_PORT_8)) # (KA_PON_RESET & (BPS_PON_DEFAULT == BOOT_PORT_32)) ) then BOOT_PORT_32 else if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_16) & (!KA_PON_RESET # (BPS_PON_DEFAULT != BOOT_PORT_8)) # (KA_PON_RESET & (BPS_PON_DEFAULT == BOOT_PORT_16)) ) then BOOT_PORT_16 else if (MPC_WRITE_BCSR_0 & (BPS_DATA_BIT.pin == BOOT_PORT_RESERVED) & Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |