Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 91 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 91 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 87Page - NXP Semiconductors MPC821 Datasheet HTML 88Page - NXP Semiconductors MPC821 Datasheet HTML 89Page - NXP Semiconductors MPC821 Datasheet HTML 90Page - NXP Semiconductors MPC821 Datasheet HTML 91Page - NXP Semiconductors MPC821 Datasheet HTML 92Page - NXP Semiconductors MPC821 Datasheet HTML 93Page - NXP Semiconductors MPC821 Datasheet HTML 94Page - NXP Semiconductors MPC821 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
else
TX_DISABLED;
state TX_ENABLED:
if(TxWordEnd # PdaRst.fb) then
TX_DISABLED
else
TX_ENABLED;
"******************************************************************************
"* Transmit Length Counter. This counter determines the length of transmission
"* towards the MPC. The fast clock is used here to allow 1/2 clock resolution
"* with the negation of TxEn, which enables DSCK outside.
"******************************************************************************
equations
TxWordLen.ar = Reset;
TxWordLen.clk = IClk;
TxWordEnd = (TxWordLen.fb == TX_WORD_LENGTH);
when ( STATE_TX_ENABLED & !TxWordEnd & !PdaRst.fb) then
TxWordLen.d = TxWordLen.fb + 1;
else
TxWordLen.d = 0;
"******************************************************************************
"* TxClkSns - Transmit Clock Sense.
"* Since Host req is synced acc to IClk and may be detected active when Clk2 is
"* either '1' or '0', DSCK and the clock according to which DSDI is sent and
"* DSDO is sampled should be changed.
"* When TxClkSns is '0' - DSCK will be !Clk2 while transmit will be done
"*
according to Clk2 and recieve by !Clk2.
"* When TxClkSns is '1' - DSCK will be Clk2 while transmit will be done
"*
according to !Clk2~ and recieve by Clk2.
"******************************************************************************
equations
TxClkSns.clk = IClk;
TxClkSns.ar = Reset;
state_diagram TxClkSns
state TX_ON_RISING:
if (HOST_WRITE_ADI_DATA & BndTmrExp.fb & Clk2) then
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More