| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 97 Page - NXP Semiconductors |
|
97 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* In debug Mode "****************************************************************************** InDebugMode.clk = IClk; when (FRZ_IS_SELECTED & CHIP_IS_IN_SOCKET) then InDebugMode := Freeze; else when (!FRZ_IS_SELECTED & CHIP_IS_IN_SOCKET) then InDebugMode := (VFLS0 & VFLS1); else when (!CHIP_IN_SOCKET) then InDebugMode := (VflsP0.pin & VflsP1.pin); "****************************************************************************** "* TxError. "* This bit of the status register is set ('1') when the MPC8XX internally resets "* during data transmission over the debug port. "* When this bit is writen '1' by the adi port (control) the status bit is "* cleared. Writing '0' has no influence on that bit. "****************************************************************************** equations TxError.clk = IClk; TxError.ar = Reset; state_diagram TxError state TX_DONE_OK: if(STATE_TX_ENABLED & PdaRst.fb) then TX_INTERRUPTED else TX_DONE_OK; state TX_INTERRUPTED: if (HOST_WRITE_ADI_CONTROL & BndTmrExp.fb & PD6.pin # HOST_WRITE_ADI_DATA & BndTmrExp.fb & !PdaRst.fb) then TX_DONE_OK else TX_INTERRUPTED; "****************************************************************************** "* DSCK. "* MPC8XX debug port, gated serial clock. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |