Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 3Page - NXP Semiconductors MPC821 Datasheet HTML 4Page - NXP Semiconductors MPC821 Datasheet HTML 5Page - NXP Semiconductors MPC821 Datasheet HTML 6Page - NXP Semiconductors MPC821 Datasheet HTML 7Page - NXP Semiconductors MPC821 Datasheet HTML 8Page - NXP Semiconductors MPC821 Datasheet HTML 9Page - NXP Semiconductors MPC821 Datasheet HTML 10Page - NXP Semiconductors MPC821 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
2 - Hardware Preparation and Installation
2•1
INTRODUCTION
This chapter provides unpacking instructions, hardware preparation, and installation instructions for
the MPC8XXFADS.
2•2
UNPACKING INSTRUCTIONS
NOTE
If the shipping carton is damaged upon
receipt, request carrier’s agent to be present
during
unpacking
and
inspection
of
equipment.
Unpack equipment from shipping carton. Refer to packing list and verify that all items are present.
Save packing material for storing and reshipping of equipment.
CAUTION
AVOID
TOUCHING
AREAS
OF
INTEGRATED
CIRCUITRY;
STATIC
DISCHARGE CAN DAMAGE CIRCUITS.
2•3
HARDWARE PREPARATION
To select the desired configuration and ensure proper operation of the MPC8XXFADS board,
changes of the Dip-Switch settings may be required before installation. The location of the switches,
LEDs, Dip-Switches, and connectors is illustrated in FIGURE 2-1. The board has been factory tested
and is shipped with Dip-Switch settings as described in the following paragraphs. Parameters can be
changed for the following conditions:
•
ADI port address
•
MPC Clock Source
•
Power-On Reset Source.
•
MPC Keep Alive Power Source
•
MPC Internal Logic Supply Source
•
Debug Mode Indication Source
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More