| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 109 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 109 Page - NXP Semiconductors |
|
109 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE DEBUG_PORT_ON_JTAG = 0; DEBUG_PORT_NON_EXISTANT = 1; DEBUG_PORT_RESERVED = 2; DEBUG_PORT_ON_DEBUG_PINS = 3; RSV13_ACTIVE = 1; RSV14_ACTIVE = 1; RSV15_ACTIVE = 1; "*********************************************** "******* Power On Defaults Assignments ********* "*********************************************** ERB_PON_DEFAULT = INTERNAL_ARBITRATION; IP~_PON_DEFAULT = IP_AT_0x00000000; RSV2_PON_DEFAULT = !RSV2_ACTIVE; BDIS_PON_DEFAULT = BOOT_ENABLE; BPS_PON_DEFAULT = BOOT_PORT_32; RSV6_PON_DEFAULT = !RSV6_ACTIVE; ISB_PON_DEFAULT = INT_SPACE_BASE_0xFF000000; DBGC_PON_DEFAULT = DEBUG_PINS_PCMCIA_2; DBPC_PON_DEFAULT = DEBUG_PORT_ON_JTAG; RSV13_PON_DEFAULT = !RSV13_ACTIVE; RSV14_PON_DEFAULT = !RSV14_ACTIVE; RSV15_PON_DEFAULT = !RSV15_ACTIVE; "******************************************* "******* Data Bits Assignments ************* "******************************************* ERB_DATA_BIT = [D0]; IP~_DATA_BIT = [D1]; RSV2_DATA_BIT = [D2]; BDIS_DATA_BIT = [D3]; BPS_DATA_BIT = [D4,D5]; RSV6_DATA_BIT = [D6]; ISB_DATA_BIT = [D7,D8]; DBGC_DATA_BIT = [D9,D10]; DBPC_DATA_BIT = [D11,D12]; RSV13_DATA_BIT = [D13]; RSV14_DATA_BIT = [D14]; RSV15_DATA_BIT = [D15]; "****************************************************************************** Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |