Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 198 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 198 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 194Page - STMicroelectronics PM0214 Datasheet HTML 195Page - STMicroelectronics PM0214 Datasheet HTML 196Page - STMicroelectronics PM0214 Datasheet HTML 197Page - STMicroelectronics PM0214 Datasheet HTML 198Page - STMicroelectronics PM0214 Datasheet HTML 199Page - STMicroelectronics PM0214 Datasheet HTML 200Page - STMicroelectronics PM0214 Datasheet HTML 201Page - STMicroelectronics PM0214 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 245 page
background image
Core peripherals
PM0214
198/245
DocID022708 Rev 4
4.3.5
Interrupt clear-pending registers (NVIC_ICPRx)
Address offset: 0x00 - 0x0B
Reset value: 0x0000 0000
Required privilege: Privileged
The ICPR0-ICPR2 registers remove the pending state from interrupts, and show which
interrupts are pending.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRPEND[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
76
54
3
21
0
CLRPEND[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
Bits 31:0
CLRPEND: Interrupt clear-pending bits
Write:
0: No effect
1: Removes the pending state of an interrupt
Read:
0: Interrupt is not pending
1: Interrupt is pending
Writing 1 to an ICPR bit does not affect the active state of the corresponding interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More