Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 177 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 177 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 173Page - STMicroelectronics PM0214 Datasheet HTML 174Page - STMicroelectronics PM0214 Datasheet HTML 175Page - STMicroelectronics PM0214 Datasheet HTML 176Page - STMicroelectronics PM0214 Datasheet HTML 177Page - STMicroelectronics PM0214 Datasheet HTML 178Page - STMicroelectronics PM0214 Datasheet HTML 179Page - STMicroelectronics PM0214 Datasheet HTML 180Page - STMicroelectronics PM0214 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 245 page
background image
DocID022708 Rev 4
177/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.11.12
WFI
Wait for Interrupt.
Syntax
WFI{cond}
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
Operation
WFI is a hint instruction that suspends execution until one of the following events occurs:
•
An exception
•
A Debug Entry request, regardless of whether Debug is enabled.
Condition flags
This instruction does not change the flags.
Examples
WFI ; Wait for interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More