Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 132 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 132 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics PM0214 Datasheet HTML 131Page - STMicroelectronics PM0214 Datasheet HTML 132Page - STMicroelectronics PM0214 Datasheet HTML 133Page - STMicroelectronics PM0214 Datasheet HTML 134Page - STMicroelectronics PM0214 Datasheet HTML 135Page - STMicroelectronics PM0214 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
132/245
DocID022708 Rev 4
These instructions do not affect the condition code flags.
Examples
UQADD16 R7, R4, R2; Adds halfwords in R4 to corresponding halfword in R2,
; saturates to 16 bits, writes to corresponding halfword
; of R7
UQADD8
R4, R2, R5 ; Adds bytes of R2 to corresponding byte of R5, saturates
; to 8 bits, writes to corresponding bytes of R4
UQSUB16 R6, R3, R0 ; Subtracts halfwords in R0 from corresponding halfword
; in R3, saturates to 16 bits, writes to corresponding
; halfword in R6
UQSUB8
R1, R5, R6 ; Subtracts bytes in R6 from corresponding byte of R5,
; saturates to 8 bits, writes to corresponding byte of
R1.
3.8
Packing and unpacking instructions
Table 31 shows the instructions that operate on packing and unpacking data:
Table 31. Packing and unpacking instructions
Mnemonic
Brief description
See
PKH
Pack Halfword
PKHBT and PKHTB on page 133
SXTAB
Extend 8 bits to 32 and add
SXTA and UXTA on page 135
SXTAB16
Dual extend 8 bits to 16 and add
SXTA and UXTA on page 135
SXTAH
Extend 16 bits to 32 and add
SXTA and UXTA on page 135
SXTB
Sign extend a byte
SXT and UXT on page 134
SXTB16
Dual extend 8 bits to 16 and add
SXT and UXT on page 134
SXTH
Sign extend a halfword
SXT and UXT on page 134
UXTAB
Extend 8 bits to 32 and add
SXTA and UXTA on page 135
UXTAB16
Dual extend 8 bits to 16 and add
SXTA and UXTA on page 135
UXTAH
Extend 16 bits to 32 and add
SXTA and UXTA on page 135
UXTB
Zero extend a byte
SXT and UXT on page 134
UXTB16
Dual zero extend 8 bits to 16 and add
SXT and UXT on page 134
UXTH
Zero extend a halfword
SXT and UXT on page 134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More